PART |
Description |
Maker |
2N6071A 2N6075B 2N6071 2N6071B 2N6073 2N6073A 2N60 |
SENSITIVE GATE TRIAC 4.0 AMPS, 200 THRU 600 VOLTS Leaded Thyristor TRIAC
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CQ220I-8 CQ220I-8D CQ220I-8M CQ220I-8N CQ220I-8B C |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|400V V(DRM)|8A I(T)RMS|TO-220AB 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|200V V(DRM)|8A I(T)RMS|TO-220AB 200 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 隔震统计表可控硅8.0放大00 7860 800伏特 TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
Q7010LH5 Q7010RH5 Q7012LH5 Q7012RH5 Q7015L6 Q7015R |
Alternistor triac, 25A, 800 Volt Alternistor triac, 15A, 400 Volt Alternistor triac, 25A, 500 Volt Alternistor triac, 25A, 200 Volt Alternistor triac, 8A, 500 Volt Alternistor triac, 25A, 400 Volt Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-35 Alternistor Triacs 交变双向 Alternistor triac, 6A, 500 Volt Alternistor triac, 15A, 200 Volt Alternistor triac, 15A, 500 Volt Alternistor triac, 15A, 600 Volt Alternistor Triacs
|
TECCOR[Teccor Electronics] Littelfuse, Inc. Motorola Mobility Holdings, Inc.
|
NTE56010 NTE56004 NTE56006 NTE56008 NTE56009 |
(NTE56004 - NTE56010) TRIAC / 15 Amp TRIAC, 15 Amp 200 V, 15 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220
|
NTE[NTE Electronics]
|
CQ39BS CQ39MS CQ39DS CQ39NS |
Leaded Thyristor TRIAC TRIAC 4.0 AMP, 200 THRU 800 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
HTP4A60S |
4 Quadrants Sensitive TRIAC
|
SemiHow Co.,Ltd.
|
TP4A60S T410-600T |
Sensitive Gate Triac
|
Apollo Electron Co., Ltd.
|
KTK1A80 |
4 Quadrants Sensitive TRIAC
|
SemiHow Co.,Ltd.
|
HTC4A60S |
4 Quadrants Sensitive TRIAC
|
SemiHow Co.,Ltd.
|
NTE5655 NTE5657 |
TRIAC - 800mA Sensitive Gate
|
NTE[NTE Electronics]
|
BT138X BT138X-600D BT138X-600E BT138X-800E |
12 A four-quadrant triacs, sensitive gate 4Q Triac 4Q双向可控
|
NXP Semiconductors N.V.
|
|